Part Number Hot Search : 
BYP25A2 5248B 2301ECBR TSS4B01G IR91B 2SK30 M5206 41616
Product Description
Full Text Search
 

To Download DS240507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS2405 Addressable Switch
www.maxim-ic.com
FEATURES
Open-drain PIO pin is controlled by matching 64-bit, laser-engraved registration number associated with each device Logic level of open drain output can be determined over 1-Wire(R) bus for closed-loop control PIO pin sink capability is greater than 4mA at 0.4V Multiple DS2405s can be identified on a common 1-Wire bus and be turned on or off independent of other devices on the bus Unique, factory-lasered and tested 64-bit registration number (8-bit family code +48bit serial number +8-bit CRC tester) assures absolute identity because no two parts are alike Built-in multidrop controller ensures compatibility with other MicroLAN products Reduces control, address, data, and power to a single data pin Directly connects to a single port pin of a microprocessor and communicates at up to 16.3kbits/s 8-bit family code specifies DS2405 communications requirements to reader 8-bit cyclic redundancy check ensures errorfree selection Zero standby power required Low cost TO-92, SOT-223, or 6-pin TSOC surface mount package 1-Wire communication operates over a wide voltage range of 2.8V to 6.0V from -40C to +85C
PIN ASSIGNMENT
TSOC PACKAGE TO-92
DS2405 GND DATA PIO NC NC NC
TOP VIEW 3.7 X 4.0 X 1.5
1
2
3
123 TOP VIEW
BOTTOM VIEW See Mech. Drawings Section
NOTE: The leads of TO-92 packages on tape-and-reel are formed to approximately 100 mils (2.54 mm) spacing. For details refer to drawing 56-G0006-003.
PIN DESCRIPTION TSOC
Pin 1 Pin 2 Pin 3 Pin 4 - Ground - Data - PIO - Ground Pin 1 Pin 2 Pin 3 Pin 4-6 - Ground - Data - PIO -No Connect
1-Wire is a registered trademark of Dallas Semiconductor.
1 of 15
071107
DS2405
ORDERING INFORMATION
DS2405 DS2405Z DS2405P DS2405/T&R DS2405Z/T&R DS2405P/T&R TO-92 package 4-pin SOT-223 package 6-pin TSOC package Tape & Reel version of DS2405 Tape & Reel version of DS2405Z Tape & Reel version of DS2405P
DESCRIPTION
The DS2405 Addressable Switch is an open drain N-channel transistor that can be turned on or off by matching the 64-bit factory-lasered registration number within each part. The 64-bit number consists of an 8-bit family code, a unique 48-bit serial number, and an 8-bit cyclic redundancy check. Communication with the DS2405 follows the standard Dallas Semiconductor 1-Wire protocol and can be accomplished with a single port pin of a microcontroller. Multiple DS2405 devices can reside on a common 1-Wire bus creating a MicroLAN. The network controller circuitry is embedded within the chip including a search algorithm to determine the identity of each DS2405 on the network. The open drain output (PIO pin) for each DS2405 on the MicroLan can be independently toggled on or off whether there is one or many devices sharing the same 1-Wire bus. The logic level of the PIO pin for each device on the MicroLan can also be individually sensed and reported to the bus master.
OVERVIEW
The DS2405 Addressable Switch provides a means for assigning an electronically readable identification to a particular node or location with additional control capability provided by an open drain N-channel MOSFET that can be remotely switched and sensed via communication over the 1-Wire bus. The DS2405 contains a factory-lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit family code (05h). The 64-bit ROM portion of the DS2405 not only creates an absolutely unique electronic identification for the device itself but also is a means to locate and change or obtain the state of the switch that is associated with the 64-bit ROM. The structure of the 64-bit ROM is shown in Figure 1. The device derives its power entirely from the 1-Wire bus by storing energy on an internal capacitor during periods of time when the signal line is high and continues to operate off of this "parasite" power source during the low times of the 1-Wire line until it returns high to replenish the parasite (capacitor) supply. The DS2405 uses the standard Dallas Semiconductor 1-Wire protocol for data transfers, with all data being read and written least significant bit first. Communication to and from the DS2405 requires a single bidirectional line that is typically the port pin of the microcontroller. The 1Wire bus master (microcontroller) must first issue one of five ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, and 5) Active-Only Search ROM. These commands operate on the 64-bit lasered ROM portion of each device and can singulate a specific device if many are present on the 1-Wire line as well as indicate to the bus how many and what type of each device is present. The protocol required for these ROM function commands is described in Figure 4. After a ROM function command is successfully executed, the open drain output can be toggled or its current status determined via the 1-Wire bus.
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances, the DS2405 is a slave device. The bus master is typically a microcontroller. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal type and timing). For a more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton(R) Standards.
2 of 15
DS2405
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have an open drain connection or 3-state outputs. The DS2405 is an open drain part with an internal circuit equivalent to that shown in Figure 2. The bus master can be the same equivalent circuit. If a bidirectional pin is not available, separate output and input pins can be tied together. The bus master requires a pullup resistor at the master end of the bus, with the bus master circuit equivalent to the one shown in Figure 3. The value of the pullup resistor should be approximately 5 k for short line lengths. A multidrop bus consists of a 1-Wire bus with multiple slaves attached. The 1-Wire bus has a maximum data rate of 16.3kbits/s. The idle state for the 1-Wire bus is high. If, for any reason, a transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 120 s, one or more of the devices on the bus may be reset. In addition, the state of the PIO pin for one or more of the DS2405s on the bus may return to its default (off) condition.
DS2405 MEMORY MAP Figure 1
8-Bit CRC Code
MSB LSB MSB
48-Bit Serial Number
LSB
8-Bit Family Code (05h)
MSB LSB
DS2405 EQUIVALENT CIRCUIT Figure 2
3 of 15
DS2405
BUS MASTER CIRCUIT Figure 3 A) Open Drain
To data connection of DS2405
B) Standard TTL
To data connection of DS2405
TRANSACTION SEQUENCE
The sequence for accessing the DS2405 via the 1-Wire port is as follows: Initialization ROM Function Command Read Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a Reset Pulse transmitted by the bus master followed by a Presence Pulse(s) transmitted by the slave(s). The Presence Pulse lets the bus master know that at least one DS2405 is on the bus and is ready to operate. For more details, see the "1-Wire Signaling" section.
4 of 15
DS2405
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of five ROM function commands. All ROM function commands are 8 bits long. A list of these commands follows (refer to flowchart in Figure 4).
Read ROM [33h]
This command allows the bus master to read the DS2405's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command can be used only if there is a single DS2405 on the bus. If more than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time (open drain will produce a wired-AND result).
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific device on a multidrop bus. All devices that do not match the 64-bit ROM sequence will wait for a Reset Pulse. The DS2405 that exactly matches the 64-bit ROM sequence will toggle the state of its PIO pin after the 64th bit of the match is entered. If the open drain N-channel device was off, it will be turned on and vice versa. After the last bit of the ROM sequence is received from the bus master and the PIO pin of the selected DS2405 has toggled, additional read time slots issued by the bus master will cause the DS2405 to output the logic state of its PIO pin onto the 1-Wire bus. If the pulldown is on and the PIO pin is a logical 0, the DS2405 will respond with read-0 time slots. If the pulldown is off and the PIO pin is a logical 1 (external pullup is required), the DS2405 will respond with read-1 time slot. Each additional read time slot issued by the bus master will continue to indicate the state of the PIO pin until a Reset Pulse is received from the bus master.
Search ROM [F0h]
When a system is initially interrogated, the bus master may not know the number of devices on the 1Wire bus or their 64-bit ROM codes. The Search ROM command allows the bus master to use a process of elimination to identify the 64-bit ROM codes of all slave devices on the bus. This process of elimination involves repeated application of a simple three-step procedure where the bus master starts by reading a bit position in the 64-bit ROM, followed by reading the complement of that bit position, and finally writing to all the devices still involved in the search the desired logic value for that bit position. An example is shown below and a flowchart for the search algorithm can be found in the "Book of DS19xx iButton Standards." Four devices are connected to the 1-Wire bus. Their binary ROM contents are listed below: device 1: xxxxxx10101100 device 2: xxxxxx01010101 device 3: xxxxxx10101111 device 4: xxxxxx10001000 The x's represent the higher remaining bits. Shown are the lowest 8 bits of the ROM contents. The least significant bit is to the right in this representation. The search process runs as follows: 1. The master begins the initialization sequence by issuing a Reset Pulse. The devices respond by issuing Presence Pulses. 2. The master will then issue the Search ROM command on the 1-Wire bus.
5 of 15
DS2405
3. The master reads 1 bit from the 1-Wire bus. Each device will respond by placing the value of the first bit of its respective ROM data onto the 1-Wire bus. Devices 1 and 4 will place a 0 onto the 1-Wire bus; that is, they pull it low. Devices 2 and 3 will send a 1 by allowing the line to stay high. The result is the logical AND of all devices on the line; therefore the master reads a 0. The master will issue another read time slot. Since the ROM Search command is being executed, all devices respond to this second read by placing the complement of the first bit of their respective ROM data onto the 1-Wire Bus. Devices 1 and 4 will send a 1; devices 2 and 3 will send a 0. Thus the 1-Wire bus will be pulled low. The master again reads a 0 for the complement of the first ROM data bit. This tells the master that there are devices on the bus that have a 0 in the first position and others that have a 1. If all devices had a 0 in this bit position, the reading would be 01; if the bit position contained a 1, the result would be 10. (Note that the 11 condition indicates that no devices are present on the 1-Wire bus.) 4. The master now decides to write a 0 on the 1-Wire bus. This deselects Devices 2 and 3 for the remainder of the search pass, leaving only devices 1 and 4 participating in the search process. 5. The master performs two more reads and receives a 0 followed by a 1 bit. This indicates that all active devices have a 0 in this bit position of their ROM. 6. The master then writes a 0 to keep devices 1 and 4 selected. 7. The master executes two reads and receives two 0 bits. This again indicates that both 1 and 0 exist as the third bit of the ROM of the active devices. 8. The master again writes a 0. This deselects device 1, leaving device 4 as the only active device. 9. Subsequent reads to the end of the ROM will not show bit conflicts. Therefore, they directly tell the master the ROM contents of the active device. After having learned any new ROM bit, the master has to resend this bit to keep the device selected. As soon as all ROM bits of the device are known and the last bit is resent by the master, the device is ready to output the state of the PIO pin using additional read time slots. 10. The master must learn the other devices' ROM data. Therefore, it starts another ROM Search sequence by repeating steps 1 through 7. 11. At the highest bit position, where the master wrote a 0 at the first pass (step 8), it now writes a 1. This deselects device 4, leaving device 1 active. 12. As in step 9, subsequent reads to the end of the ROM will not show bit conflicts. This completes the second ROM Search pass where the master has learned another ROM's contents. 13. The master must learn the other devices' ROM data. Therefore, it starts another ROM Search sequence by repeating steps 1 to 3. 14. At the second highest bit position where the master wrote a 0 at the first pass (step 4), it now writes a 1. This deselects devices 1 and 4, leaving devices 2 and 3 active. 15. The master sends two read time slots and receives two 0 bits, indicating a bit conflict. 16. The master again decides to write a 0. This deselects device 3, leaving device 2 as the only active device. 17. As in step 9, subsequent reads to the end of the ROM will not show bit conflicts. This completes the third ROM Search pass where the master has learned another ROM's contents.
6 of 15
DS2405
18. The master must learn the other devices' ROM data. Therefore it starts another ROM Search sequence by repeating steps 13 to 15. 19. At the highest bit position where the master wrote a 0 at the previous pass (step 16), it now writes a 1. This deselects device 2, leaving device 3 active. 20. As in step 17, subsequent reads to the end of the ROM will not show bit conflicts. This completes the fourth ROM Search pass where the master has learned another ROM's contents. After one complete pass, the bus master knows the contents of the 64-bit ROM in one device. Subsequent passes will reveal the total number of devices and their individual ROM codes. In addition, after each complete pass of the search that successfully determines the 64-bit ROM for a specific device on the multidrop bus, that particular device can be individually accessed as if a Match ROM has been issued since all other devices will have dropped out of the search process and are waiting for a Reset Pulse. The DS2405 that was discovered by the search process will not toggle the state of its PIO pin at the end of the search, but additional read time slots issued by the bus master after the search is completed will cause the DS2405 to output the logic state of its PIO pin onto the 1-Wire bus. If the pulldown is on and the PIO pin is a logical 0, the DS2405 will respond with read-0 time slots. If the pulldown is off and the PIO pin is a logical 1 (external pullup is required), the DS2405 will respond with read-1 time slots. Each additional read time slot issued by the bus master will continue to indicate the state of the PIO pin until a Reset Pulse is received from the bus master. The combination of Match ROM and Search ROM allows the user to change the state of the PIO pin and report the current state (Match ROM) or simply report the current state of the PIO pin without changing it (Search ROM).
Active-Only Search ROM [ECh]
The Active-Only Search ROM command operates similarly to the Search ROM command except that only devices with their output pulldown turned on are allowed to participate in the search. This provides an efficient means for the bus master to determine devices on a multidrop system that are active (PIO pin driven low). After each pass of the active-only search that successfully determines the 64-bit ROM for a specific device on the multidrop bus with its output pulldown turned on, that particular device can be individually accessed as if a Match ROM had been issued since all other devices will have dropped out of the active-only search process and are waiting for a Reset Pulse. The DS2405 that was discovered by the active-only search process will not toggle the state of its PIO pin at the end of the search, but additional read time slots issued by the bus master after the search is completed will cause the DS2405 to output the logic state of the PIO pin (see Figure 2) onto the 1-wire bus. Since the Active-Only Search ROM command only operates on devices with their pulldown on, the internal CONTROL signal for each of these parts is always a logical 1. With CONTROL=1, the selected DS2405 will respond to the bus master with read-0 time slots after an active-only search pass is successfully completed. Each additional read time slot issued by the bus master will continue to appear as a read-0 until a Reset Pulse is received from the bus master. If the CONTROL signal is a logical 0 for any DS2405, that device will not participate in the Active-Only Search. The combination of Search ROM and Active-Only Search ROM allows the user to search in the most efficient manner depending on the requirements. If the bus master interrogates a multidrop system comprised of DS2405s whose PIO conditions are unknown, the Active-Only Search can quickly determine which devices are turned on. The two commands also allow the bus master to separately determine the state of the PIO pin and the internal CONTROL signal which may be useful in detecting certain conditions. If Search ROM returns read-0 time slots (PIO=logical 0) for a given device, it may be due to that particular DS2405 driving its PIO pin low, or under certain conditions the logical 0 may be caused by some other device holding PIO low. If that same device is found using an active-only search, CONTROL must be a logical 1 and the PIO pin is being held low by the DS2405. If that same
7 of 15
DS2405
device is not found using an active-only search, CONTROL must be a logical 0 and the PIO pin is being held low by some other device or perhaps a fault condition such as a PIO shorted to ground. A second fault condition may be detected if Search ROM for a given device returns read-1 time slots (PIO=logical 1) but Active-Only Search ROM is successful (CONTROL=logical 1) and returns read-0 time slots for the same device, indicating the possibility that PIO may be shorted to a positive voltage.
8 of 15
DS2405
ROM FUNCTIONS FLOW CHART Figure 4
9 of 15
DS2405
ROM FUNCTIONS FLOW CHART Figure 4 (cont.)
10 of 15
DS2405
Skip ROM [CCh]
The complete 1-Wire protocol for all Dallas Semiconductor iButtons contains a Skip ROM command. Since the DS2405 contains only the 64-bit ROM with no additional data fields, the Skip ROM is not applicable and will cause no further activity on the 1-Wire bus if executed. The DS2405 does not interfere with other 1-Wire parts on a multidrop bus that do respond to a Skip ROM (for example, a DS2405 and DS1994 on the same bus).
1-WIRE SIGNALING
The DS2405 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: reset sequence with Reset Pulse and Presence Pulse, write 0, write 1 and read data. All these signals except Presence Pulse are initiated by the bus master. The initialization sequence required to begin any communication with the DS2405 is shown in Figure 5. A Reset Pulse followed by a Presence Pulse indicates the DS2405 is ready to send or receive data given the correct ROM command. The bus master transmits (TX) a Reset Pulse (tRSTL, minimum 480s). The bus master then releases the line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the 5k pullup resistor. After detecting the rising edge on the data pin, the DS2405 waits (tPDH, 15-60s) and then transmits the Presence Pulse (tPDL, 60-240s).
INITIALIZATION PROCEDURE "RESET AND PRESENCE PULSES" Figure 5
RESISTOR MASTER DS2405
480s tRSTL < * 480s tRSTH < (includes recovery time) 15s tPDH < 60s 60s tPDL < 240s
In order not to mask interrupt signaling by other devices on the 1-Wire bus, tRSTL + tR should always be less than 960s.
11 of 15
DS2405
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated in Figure 6. All time slots are initiated by the master driving the data line low. The falling edge of the data line synchronizes the DS2405 to the master by triggering a delay circuit in the DS2405. During write time slots, the delay circuit determines when the DS2405 will sample the data line. For a read data time slot, if a "0" is to be transmitted, the delay circuit determines how long the DS2405 will hold the data line low overriding the "1" generated by the master. If the data bit is a 1, the device will leave the read data time slot unchanged.
READ/WRITE TIMING DIAGRAM Figure 6 Write-1 Time Slot
RESISTOR MASTER
60s tSLOT < 120s 1s tLOW1 < 15s 1s tREC <
Write-0 Time Slot
60s tLOW0 < tSLOT < 120s 1s tREC <
12 of 15
DS2405
READ/WRITE TIMING DIAGRAM Figure 6 (cont.) Read-Data Time Slot
RESISTOR MASTER DS2405
60s tSLOT < 120s 1s tLOWR < 15s 0 tRELEASE < 45s 1s tREC < tRDV = 15s tSU < 1s
CRC GENERATION
To validate the data transmitted from the DS2405, the bus master may generate a CRC value from the data as it is received. This generated value is compared to the value stored in the last 8 bits of the DS2405. If the two CRC values match, the transmission is error-free. The equivalent polynomial function of this CRC is: CRC = x8 + x5 + x4 + 1 For more details, see the Book of DS19xx iButton Standards.
13 of 15
DS2405
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground Operating Temperature Range Storage Temperature Range Solder Temperature -0.5V to +7.0V -40C to +85C -55C to +125C See J-STD-020A Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
PARAMETER SYMBOL Logic 1 VIH Logic 0 VIL Output Logic Low @ 4 mA VOL Output Logic High VOH Input Load Current (DATA pin) IL Input Resistance (PIO pin) IR MIN 2.2 -0.3
(-40C to +85C; VPUP = 2.8V to 6.0V)
TYP MAX VCC +0.3 +0.8 0.4 6.0 UNITS V V V V A M NOTES 1,6,8 1,10 1 1,2 3 9
VPUP 5 10
CAPACITANCE
PARAMETER Capacitance DATA pin Capacitance PIO pin SYMBOL CD CP MIN TYP MAX 800 10 UNITS pF pF
(tA = 25C)
NOTES 7
AC ELECTRICAL CHARACTERISTICS
PARAMETER Time Slot Write-1 Low Time Write-0 Low Time Read Low Time Read Data Valid Release Time Read Data Setup Recovery Time Reset Time High Reset Time Low Presence Detect High Presence Detect Low SYMBOL tSLOT tLOW1 tLOW0 tLOWR tRDV tRELEASE tSU tREC tRSTH tRSTL tPDH tPDL MIN 60 1 60 1 0 1 480 480 15 60
(-40C to +85C; VPUP =2.8V to 6.0V)
TYP MAX 120 15 120 15 45 1 UNITS s s s s s s s s s s s s NOTES 12 12 11 5 4 13
15 15
960 60 240
14 of 15
DS2405
NOTES:
1. All voltages are referenced to ground. 2. VPUP = external pullup voltage. 3. Input load is to ground. 4. An additional reset or communication sequence cannot begin until the reset high time has expired. 5. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is guaranteed to be valid within 1s of this falling edge and will remain valid for 14s minimum (15s total from falling edge on 1-Wire bus). 6. VIH is a function of the external pull-up resistor and the VCC supply. 7. Capacitance on the data pin could be 800pF when power is first applied. If a 5k resistor is used to pull-up the data line to VCC, 5s after power has been applied the parasite capacitance will not affect normal communications. 8. VIH for PIO pin should always be greater than or equal to VPUP -0.3V. 9. Input resistance is to ground. 10. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always guarantee a Presence Pulse. 11. The optimal sampling point for the master is as close as possible to the end of the 15s tRDV period without exceeding tRDV. For the case of a Read 1 time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read 0 time slot, it ensures that a read will occur before the fastest 1-Wire device(s) release the line. 12. The duration of the low pulse sent by the master should be a minimum of 1s with a maximum value as short as possible to allow time for the pull-up resistor to recover the line to a high level before the 1-Wire device samples in the case of a Write 1 Low Time, or before the master samples in the case of a Read Low Time. 13. The Reset Low Time (tRSTL) should be restricted to a maximum of 960s to allow interrupt signaling; otherwise, it could mask or conceal interrupt pulses.
15 of 15


▲Up To Search▲   

 
Price & Availability of DS240507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X